Part Number Hot Search : 
MAN4740A 1A60A5 CPC1727J F1G90 YBAMU R1C10 5962F 101MH
Product Description
Full Text Search
 

To Download DTA124ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital transistors (built-in resistors) dta124em/dta124ee/dta124eua dta124eka /DTA124ECA/dta124esa equivalent circuit digital transistor (pnp) features ? built-in bias resistors enable the c onfiguration of an inverter circuit without connecting external input re sistors(see equivalent circuit) ? the bias resistors consist of thin-f ilm resistors with complete isolation to allow positive biasing of the i nput.they also have the advantage of almost completely eliminating parasitic effects ? only the on/off conditions need to be se t for operation, making device design easy pin connenctions and marking dta124em sot-723 1. in 2. gnd 3. out marking:15 dta124ee sot-523 1. in 2. gnd 3. out marking:15 dta124eua sot-323 1. in 2. gnd 3. out marking:15 dta124eka sot-23-3l 1. in 2. gnd 3. out marking:15 DTA124ECA sot-23 1. in 2. gnd 3. out marking:15 dta124esa to-92s 1. gnd 2. out 3. in 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013
maximum ratings(ta=25 unless otherwise noted) limits(dta124e ) symbol parameter m e ua ka ca sa unit v cc supply voltage -50 v v in input voltage -40  +10 v i o output current -30 ma i cm peak collector current -100 ma p d power dissipation 100 150 200 200 200 300 mw t j junction temperature 150 t stg storage temperature -55  +150 electrical characteristics (ta=25 unless otherwise specified) parameter symbol conditions min typ max unit v i(off) v cc =-5v,i o =-100a -0.5 v input voltage v i(on) v o =-0.2v,i o =-5 ma -3 v output voltage v o(on) i o /i i =-10ma/-0.5ma -0.3 v input current i i v i =-5v -0.36 ma output current i o(off) v cc =-50v,v i =0 -0.5 a dc current gain g i v o =-5v,i o =-5ma 56 input resistance r 1 15.4 22 28.6 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t v o =-10v,i o =-5ma,f=100mhz 250 mhz  2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013
-0.1 -1 -10 -0.1 -1 -10 -100 -0.0 -0.4 -0.8 -1.2 -1.6 -2.0 -0.01 -0.1 -1 -10 -0.1 -1 -10 -100 1 10 100 1000 -0 -4 -8 -12 -16 -20 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 -1 -10 -10 -100 -1000 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 on characteristics t a =25 t a =100 v o =-0.2v -3 -0.3 -30 output current i o (ma) input voltage v i(on) (v) dta124exx off characteristics t a =100 t a =25 -3 -0.3 -0.03 v cc =-5v output current i o (ma) input voltage v i(off) (v) -0.3 -3 -30 30 t a =25 t a =100 v o =-5v 300 3 -3 -0.3 -30 g i ?? i o output current i o (ma) dc current gain g i f=1mhz t a =25 c o ?? v r output capacitance c o (pf) reverse bias voltage v r (v) -300 -30 -30 -3 v o(on) ?? i o t a =25 t a =100 i o /i i =20 output voltage v o(on) (mv) output current i o (ma) dta124em dta124ee dta124ua/ka/ca dta124sa p d ?? t a power dissipation p d (mw) ambient temperature t a ( ) 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013


▲Up To Search▲   

 
Price & Availability of DTA124ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X